Part Number Hot Search : 
EMK13G2 45020 EPG4011J BCM5708 74AC32 S5L1454A R12612 HF33F
Product Description
Full Text Search
 

To Download 2SC4026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4026
DESCRIPTION *With TO-220Fa package *High breakdown voltage *High speed switching *Wide area of safe operation (SOA) APPLICATIONS *For high breakdown voltage high-speed switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 5 10 1.5 35 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=10mA , IB=0 IC=2A ;IB=0.4A IC=2A ;IB=0.4A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=2A ; VCE=5V IC=0.5A ; VCE=10V;f=1MHz 15 8 5 MIN 400 SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT
2SC4026
TYP.
MAX
UNIT V
1.0 1.5 100 100
V V A A
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=2A ;IB1=0.4A;IB2=-0.8A VCC=150V 0.7 2.0 0.3 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4026
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4026
4


▲Up To Search▲   

 
Price & Availability of 2SC4026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X